Part Number Hot Search : 
CX16240A CPC1218Y CPC1218Y CDG25 78L04N 2SK389GR 2SBA6 2SA893AD
Product Description
Full Text Search
 

To Download TSOP75330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP753..
Vishay Semiconductors
IR Receiver Modules for Remote Control Systems
FEATURES
* * * * * * * Very low supply current Photo detector and preamplifier in one package Compatible also with short burst dataformats Supply voltage: 2.5 V to 5.5 V Improved immunity against ambient light Capable of side or top view Two lenses for high sensitivity and wide receiving angle * Insensitive to supply voltage ripple and noise * Narrow optical filter to reduce interference from plasma TV emissions * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
20953-2
MECHANICAL DATA
Pinning: 1, 4 = GND, 2 = VS, 3 = OUT
DESCRIPTION
The TSOP753.. series is a two lens miniaturized receiver module for infrared remote control systems. One PIN diode per lens and a preamplifier are assembled on a leadframe, the epoxy lens cap is designed as an IR filter. The demodulated output signal can be directly decoded by a microprocessor. The TSOP753.. is compatible with all common IR remote control data formats. It is optimized to suppress almost all spurious pulses from energy saving fluorescent lamps including dimmed LCD backlightings. This component has not been qualified according to automotive specifications.
PARTS TABLE
CARRIER FREQUENCY 30 kHz 33 kHz 36 kHz 38 kHz 40 kHz 56 kHz NOISY ENVIRONMENTS AND SHORT BURSTS (AGC3) TSOP75330 TSOP75333 TSOP75336 TSOP75338 TSOP75340 TSOP75356
BLOCK DIAGRAM
2 30 k Band pass Demodulator VS 3 Input AGC OUT 1, 4 PIN
20445-1
APPLICATION CIRCUIT
17170_5
R1 IR receiver VS + VS C1 OUT GND VO C GND
Transmitter with TSALxxxx
Control circuit
GND
R1 and C1 are recommended for protection against EOS. Components should be in the range of 33 < R1 < 1 k, C1 > 0.1 F.
** Please see document "Vishay Green and Halogen-Free Definitions (5-2008)": http://www.vishay.com/doc?99902 Document Number: 81939 Rev. 1.1, 13-Nov-08 www.vishay.com 1
Circuit
TSOP753..
Vishay Semiconductors
IR Receiver Modules for Remote Control Systems
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER Supply voltage Supply current Output voltage Output current Junction temperature Storage temperature range Operating temperature range Power consumption Tamb 85 C TEST CONDITION SYMBOL VS IS VO IO Tj Tstg Tamb Ptot VALUE - 0.3 to + 6.0 3 - 0.3 to (VS + 0.3) 5 100 - 40 to + 100 - 30 to + 85 10 UNIT V mA V mA C C C mW
Note (1) Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating condtions for extended periods may affect the device reliability.
ELECTRICAL AND OPTICAL CHARACTERISTICS (1)
PARAMETER Supply voltage Supply current Transmission distance Output voltage low Minimum irradiance Maximum irradiance Directivity Ev = 0, VS = 3.3 V Ev = 40 klx, sunlight Ev = 0, test signal see fig. 1, IR diode TSAL6200, IF = 250 mA IOSL = 0.5 mA, Ee = 0.7 mW/m2, test signal see fig. 1 Pulse width tolerance: tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig. 1 tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig. 1 Angle of half transmission distance TEST CONDITION SYMBOL VS ISD ISH d VOSL Ee min. Ee max. 1/2 30 50 0.15 MIN. 2.5 0.27 0.35 0.45 45 100 0.35 TYP. MAX. 5.5 0.45 UNIT V mA mA m mV mW/m2 W/m2 deg
Note (1) T amb = 25 C, unless otherwise specified
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
Ee Optical Test Signal (IR diode TSAL6200, IF = 0.4 A, N = 6 pulses, f = f0, t = 10 ms)
0.4
tpo - Output Pulse Width (ms)
0.35 0.3 0.25 0.2 0.15 Input Burst Length 0.1 0.05 0 0.1 = 950 nm, optical test signal, fig. 1 1 10 100 1000 10 000 Output Pulse Width
tpi *) T 6/fo is recommended for optimal function
t
*) tpi
Output Signal VO VOH VOL td1 )
1) 2)
14337
3/f0 < td < 9/f0 tpi - 4/f 0 < tpo < tpi + 6/f0 t
tpo2 )
20760
Ee - Irradiance (mW/m)
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
www.vishay.com 2
Document Number: 81939 Rev. 1.1, 13-Nov-08
TSOP753..
IR Receiver Modules for Remote Control Systems
Optical Test Signal
Vishay Semiconductors
Ee min. - Threshold Irradiance (mW/m)
Ee
4 Correlation with Ambient Light Sources: 3.5 10 W/m = 1.4 klx (Std. illum. A, T = 2855 K) 10 W/m = 8.2 klx (Daylight, T = 5900 K) 3 2.5 2 1.5 1 0.5 0 0.01 Wavelength of Ambient Illumination: = 950 nm
600 s t = 60 ms Output Signal, (see fig. 4)
600 s
t
94 8134
VO VOH VOL
t on
t off
t
20745
0.1
1
10
100
Ee - Ambient DC Irradiance (W/m)
Fig. 3 - Output Function
Fig. 6 - Sensitivity in Bright Ambient
Ee min. - Threshold Irradiance (mW/m)
0.8
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 1 10 100 1000 f = 30 kHz f = f0 f = 20 kHz f = 10 kHz f = 100 Hz
Ton, Toff - Output Pulse Width (ms)
Ton 0.7 0.6 0.5 Toff 0.4 0.3 0.2 0.1 0 0.1 = 950 nm, Optical Test Signal, Fig. 3 1 10 100 1000 10 000
20744
Ee - Irradiance (mW/m)
20746
VsRMS - AC Voltage on DC Supply Voltage (mV)
Fig. 4 - Output Pulse Diagram
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.7
16925
500
E e min./Ee - Rel. Responsivity
E - Max. Field Strength (V/m)
450 400 350 300 250 200 150 100 50 0 0 500 1000 1500 2000 2500 3000
f = f0 5 % f(3 dB) = f0/10
0.9
1.1
1.3
20747
f/f0 - Relative Frequency
f - EMI Frequency (MHz)
Fig. 5 - Frequency Dependence of Responsivity
Fig. 8 - Sensitivity vs. Electric Field Disturbances
Document Number: 81939 Rev. 1.1, 13-Nov-08
www.vishay.com 3
TSOP753..
Vishay Semiconductors
IR Receiver Modules for Remote Control Systems
1 0.9
0
10
20
30
Max. Envelope Duty Cycle
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 f = 38 kHz, Ee = 2 mW/m 20 40 60 80 100 120
21427
40 1.0 0.9 0.8 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
21148
Burst Length (number of cycles/burst)
drel - Relative Transmission Distance
Fig. 9 - Max. Envelope Duty Cycle vs. Burst Length
Fig. 12 - Horizontal Directivity
0
10
20
Ee min. - Threshold Irradiance (mW/m)
0.2 0.18 0.16 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0 - 30 - 10 10 30 50 70 90
21428
30
40 1.0 0.9 0.8 50 60 70 80
20749
Tamb - Ambient Temperature (C)
drel - Relative Transmission Distance
Fig. 10 - Sensitivity vs. Ambient Temperature
Fig. 13 - Vertical Directivity
S () rel - Relative Spectral Sensitivity
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 750 800 850 900 950 1000 1050 1100 1150
21425
- Wavelength (nm)
Fig. 11 - Relative Spectral Sensitivity vs. Wavelength
www.vishay.com 4
Document Number: 81939 Rev. 1.1, 13-Nov-08
TSOP753..
IR Receiver Modules for Remote Control Systems
SUITABLE DATA FORMAT
The TSOP753.. series is designed to suppress spurious output pulses due to noise or disturbance signals. Data and disturbance signals can be distinguished by the devices according to carrier frequency, burst length and envelope duty cycle. The data signal should be close to the band-pass center frequency (e.g. 38 kHz) and fulfill the conditions in the table below. When a data signal is applied to the TSOP753.. in the presence of a disturbance signal, the sensitivity of the receiver is reduced to insure that no spurious pulses are present at the output. Some examples of disturbance signals which are suppressed are: * DC light (e.g. from tungsten bulb or sunlight) * Continuous signals at any frequency * Strongly or weakly modulated noise from fluorescent lamps with electronic ballasts (see figure 14 or figure 15)
Vishay Semiconductors
IR Signal
IR Signal from Fluorescent Lamp with Low Modulation
0
16920
5
10
15
20
Time (ms)
Fig. 14 - IR Signal from Fluorescent Lamp with Low Modulation
IR Signal from Fluorescent Lamp with High Modulation
IR Signal
0
16921
10
10
15
20
Time (ms)
Fig. 15 - IR Signal from Fluorescent Lamp with High Modulation TSOP753.. Minimum burst length After each burst of length a minimum gap time is required of For bursts greater than a minimum gap time in the data stream is needed of Maximum number of continuous short bursts/second Compatible to NEC code Compatible to RC5/RC6 code Compatible to Sony code Compatible to XMP format Compatible to RCMM code Compatible to RECS-80 code Suppression of interference from fluorescent lamps Note For data formats with long bursts please see the datasheet for TSOP752.. 6 cycles/burst 6 to 35 cycles 10 cycles 35 cycles > 4 x burst length 2000 yes yes no yes yes yes Most common disturbance signals are suppressed
Document Number: 81939 Rev. 1.1, 13-Nov-08
www.vishay.com 5
TSOP753..
Vishay Semiconductors
IR Receiver Modules for Remote Control Systems
PACKAGE DIMENSIONS in millimeters
6.8 6.6 (3.4) 2.2 2.5 3.2
3
(1.8)
0.8
GND
Vs
Out (0.635)
GND (1)
1.27
max. 0.6 (4x)
technical drawings according to DIN specifications
3 x 1.27 = 3.81
Tool separation line
(2.2)
Pick and place area Not indicated tolerances 0.25
(1.2)
(1.65)
Proposed hole layout from component side (for reference only)
2.2
3 x1.27=3.81 1.27 (R1.3) Marking area
Drawing-No.: 6.550-5297.01-4 Issue: 2; 13.11.08
21576
1.8
0.8
www.vishay.com 6
Document Number: 81939 Rev. 1.1, 13-Nov-08
TSOP753..
IR Receiver Modules for Remote Control Systems
TAPING VERSION TSOP..TR DIMENSIONS in millimeters
4
Vishay Semiconductors
0.3
7.1
16 7.5 1.75
2.8
4
1.34 ref.
O 1.5
O 1.5 min
8
2
3.3
Direction of feed
technical drawings according to DIN specifications
Drawing-No.: 9.700-5337.01-4 Issue: 1; 16.10.08
21577
Document Number: 81939 Rev. 1.1, 13-Nov-08
4
www.vishay.com 7
TSOP753..
Vishay Semiconductors
IR Receiver Modules for Remote Control Systems
TAPING VERSION TSOP..TT DIMENSIONS in millimeters
4
0.3
7.1
16 1.75 7.5
3.3
4
O 1.5
O 1.5 min
8
2
3.3
4
Direction of feed
technical drawings according to DIN specifications
Drawing-No.: 9.700-5338.01-4 Issue: 1; 16.10.08
21578
www.vishay.com 8
Document Number: 81939 Rev. 1.1, 13-Nov-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TSOP75330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X